Part Number Hot Search : 
EPC1064V 102C03 50020 00M63X 2NBBB D1117 NCH060A3 20600
Product Description
Full Text Search
 

To Download QL3025-0PQ208M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Military Plastic pASIC 3 Family
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
Military pASIC 3 - 3.3V Family
DEVICE HIGHLIGHTS
Device Highlights Features
FEATURES
Total of 180 I/O pins
s
High Performance and High Density
s s
60,000 Usable PLD Gates with 316 I/Os 16-bit counter speeds over 300 MHZ, data path speeds over 400 MHz 0.35um four-layer metal non-volatile CMOS process for smallest die sizes
308 bidirectional input/output pins, PCI-compliant for 5.0 volt and 3.3 volt buses for -1/-2 speed grades 8 high-drive input/distributed network pins
s
s
Eight Low-Skew Distributed Networks
s
Easy to Use/Fast Development Cycles
s
100% routable with 100% utilization and complete pin-out stability Variable-grain logic cells provide high performance and 100% utilization Comprehensive design tools include high quality Verilog/VHDL synthesis
s
Two array clock/control networks available to the logic cell flip-flop clock, set and reset inputs - each driven by an input-only pin Up to six global clock/control networks available to the logic cell F1, clock, set and reset inputs and the input and I/O register clock, reset and enable inputs as well as the output enable control - each driven by an input-only or I/O pin, or any logic cell output or I/O cell feedback
s
s
Advanced I/O Capabilities
s s
Interfaces with both 3.3 volt and 5.0 volt devices PCI compliant with 3.3V and 5.0V buses for -1/-2 speed grades Full JTAG boundary scan Registered I/O cells with individually controlled clocks and output enables
High Performance
s s s
Input + logic cell + output total delays under 6 ns Data path speeds exceeding 400 MHz Counter speeds over 300 MHz
s s
Device
ASIC Gates
PLD Gates
Package
Max I/O
Qualification Level
Supply Voltage
QL3012 QL3025 QL3040 QL3060
8,000 16,000 24,000 36,000
12,000 25,000 40,000 60,000
84PLCC 208PQFP 208PQFP 208PQFP
68 174 174 174
M M M M
3.3V 3.3V 3.3V 3.3V
M = Military Temperature (-55 to +125 degrees C)
TABLE 1: Selector Table
Rev B
8-23
Military Plastic pASIC 3 Family
PRODUCT SUMMARY
Product Summary
The pASIC 3 FPGA family features up to 60,000 usable PLD gates. pASIC 3 FPGAs are fabricated on a 0.35mm four-layer metal process using QuickLogic's patented ViaLink technology to provide a unique combination of high performance, high density, low cost, and extreme ease-of-use. The pASIC 3 product family contains 1,584 logic cells. With a maximum of 316 I/Os, and is available in 208-PQFP and 84-PLCC packages.
Software support for the complete pASIC 3 family is available through three basic packages. The turnkey QuickWorks(R) package provides the most complete FPGA software solution from design entry to logic synthesis, to place and route, to simulation. The QuickWorksTM-Lite and QuickToolsTM packages provide a solution for designers who use Cadence, Exemplar, Mentor, Synopsys, Synplicity, Viewlogic, Veribest, or other third-party tools for design entry, synthesis, or simulation.
PINOUT DIAGRAM 84-PIN PLCC
Pinout Diagram 68-Pin CPGA
TABLE 2: 84-pin PLCC
8-24 24
Preliminary
Military Plastic pASIC 3 Family
PINOUT DIAGRAM 208-PIN PQFP
Pinout Diagram 208-Pin PQFP
Pin #157 Pin #1
pASIC QL3060-1PQ208M
Pin #53
Pin #105
8-25
Military Plastic pASIC 3 Family
PQFP 208-PINOUT TABLE
PQFP 208 Pinout Table
208 PQFP 208 1 2 3 4 5 NC 6 7 8 9 10 11 12 13 14 NC 15 16 17 18 19 20 NC 21 22 23 24 25 26 27 28 29 30 31 32 NC 33 NC 34 35 36 NC 37 38 39 NC 40 41 42 Function I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCC I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O GCLK / I ACLK / I VCC GCLK / I GCLK / I VCC I/O I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCC I/O 208 PQFP 43 44 45 46 47 48 NC 49 50 51 52 53 54 NC NC 55 56 NC 57 58 59 60 61 62 63 64 NC 65 66 67 NC 68 69 70 NC 71 NC 72 73 74 NC 75 76 77 78 79 80 81 82 83 Function GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O TDI I/O I/O I/O I/O I/O I/O I/O GND I/O VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O VCC I/O I/O I/O GND I/O I/O I/O I/O VCCIO 208 PQFP 84 85 86 87 88 89 90 91 92 NC 93 94 95 96 97 98 99 100 NC 101 NC 102 NC NC 103 104 105 NC 106 107 108 109 NC 110 111 112 113 114 115 116 117 NC 118 119 120 121 NC 122 123 124 Function I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O TRSTB TMS I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCC I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O 208 Function PQFP 125 I/O 126 I/O 127 GND 128 I/O NC I/O 129 GCLK / I 130 ACLK / I 131 VCC 132 GCLK / I 133 GCLK / I 134 VCC 135 I/O 136 I/O NC I/O 137 I/O NC GND 138 I/O 139 I/O 140 I/O 141 I/O 142 I/O NC I/O 143 I/O 144 I/O 145 VCC NC I/O 146 I/O 147 GND 148 I/O 149 I/O 150 I/O 151 I/O 152 I/O 153 I/O 154 I/O 155 I/O 156 I/O 157 TCK 158 STM NC I/O 159 I/O 160 I/O 161 I/O 162 I/O 163 GND 164 I/O 165 VCC 166 I/O NC I/O 167 I/O 208 PQFP 168 169 NC 170 171 172 173 174 175 NC 176 177 178 179 NC 180 181 182 NC 183 184 185 186 187 188 NC 189 190 191 192 193 194 NC 195 196 197 198 NC 199 200 201 202 203 204 205 206 207 Function I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O I/O I/O I/O I/O GND VCC I/O I/O I/O I/O VCCIO I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O VCC I/O I/O I/O I/O I/O TDO
8-26 26
Preliminary
Military Plastic pASIC 3 Family
ABSOLUTE MAXIMUM RATINGS
VCC Voltage ...........................-0.5 to 4.6V VCCIO Voltage .......................-0.5 to 7.0V Input Voltage.............. -0.5 to VCCIO+0.5V Latch-up Immunity .................. 200 mA DC Input Current ...................... 20 mA ESD Pad Protection ....................2000V Storage Temperature .......-65C to +150C Lead Temperature ...........................300C
OPERATING RANGE
Symbol VCC VCCIO TA TC K Parameter Supply Voltage I/O Input Tolerance Voltage Ambient Temperature Case Temperature Delay Factor -0 Speed Grade -1 Speed Grade -2 Speed Grade Min 3.0 3.0 -55 0.42 0.42 0.42 Military Max 3.6 5.5 125 2.03 1.64 1.37 Unit V V C C
DC CHARACTERISTICS
Symbol VIH VIL VOH VOL II IOZ CI IOS ICC ICCIO Parameter Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage I or I/O Input Leakage Current 3-State Output Leakage Current Input Capacitance [2] Output Short Circuit Current [3] D.C. Supply Current [4] D.C. Supply Current on VCCIO Min Max Unit 0.5VCC VCCIO+0.5 V -0.5 0.3VCC V IOH = -12 mA 2.4 V 0.9VCC V IOH = -500 A IOL = 8 mA [1] 0.45 V IOL = 1.5 mA 0.1VCC V VI = VCCIO or GND -10 10 A VI = VCCIO or GND -10 10 A 10 pF VO = GND -15 -180 mA VO = VCC 40 210 mA VI, VIO = VCCIO or GND 0.50 (typ) 5 mA 0 100 A Conditions
Notes: [1] Military devices have 8 mA IOL specifications. [2] Capacitance is sample tested only. Clock pins are 12 pF maximum. [3] Only one output at a time. Duration should not exceed 30 seconds. [4] Maximum ICC is 5 mA for all military grade devices. For AC conditions, contact QuickLogic customer engineering.
8-27
Military Plastic pASIC 3 Family
QL3012
QL3012
AC CHARACTERISTICS at VCC = 3.3V, TA = 25C (K = 1.00)
(To calculate delays, multiply the appropriate K factor in the "Operating Range" section by the following numbers.)
Logic Cells
Symbol tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW Parameter Combinatorial Delay [6] Setup Time [6] Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width 1 1.4 1.7 0.0 0.7 1.2 1.2 1.0 0.8 1.9 1.8 Propagation Delays (ns) Fanout [5] 2 3 4 1.7 1.9 2.2 1.7 1.7 1.7 0.0 0.0 0.0 1.0 1.2 1.5 1.2 1.2 1.2 1.2 1.2 1.2 1.3 1.5 1.8 1.1 1.3 1.6 1.9 1.9 1.9 1.8 1.8 1.8 8 3.2 1.7 0.0 2.5 1.2 1.2 2.8 2.6 1.9 1.8
Input-Only/Clock Cells
Symbol tIN tINI tISU tIH tlCLK tlRST tlESU tlEH Parameter High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.5 1.6 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 12 1.6 1.8 1.9 2.4 2.9 1.7 1.9 2.0 2.5 3.0 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 0.0 0.8 1.0 1.1 1.6 2.1 0.7 0.9 1.0 1.5 2.0 2.3 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 0.0
24 4.4 4.5 3.1 0.0 3.6 3.5 2.3 0.0
Notes: [5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the Operating Range. [6] These limits are derived from a representative selection of the slowest paths through the pASIC 3 logic cell including typical net delays. Worst case delay values for specific paths should be determined from timing analysis of your particular design.
8-28 28
Preliminary
Military Plastic pASIC 3 Family
QL3012 Clock Cells
Symbol tACK tGCKP tGCKB Parameter Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay 1 1.2 0.7 0.8 Propagation Delays (ns) Loads per Half Column [7] 2 3 4 8 10 1.2 1.3 1.3 1.5 1.6 0.7 0.7 0.7 0.7 0.7 0.8 0.9 0.9 1.1 1.2
11 1.7 0.7 1.3
I/O Cells
Symbol tI/O tISU tIH tlOCLK tlORST tlESU tlEH Parameter Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.3 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 1.6 1.8 2.1 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 1.0 1.2 1.5 2.5 0.9 1.1 1.4 2.4 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 10 3.6 3.1 0.0 3.0 2.9 2.3 0.0
Symbol tOUTLH tOUTHL tPZH tPZL tPHZ tPLZ
Parameter Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State [8] Output Delay Low to Tri-State [8] 30 2.1 2.2 1.2 1.6 2.0 1.2
Propagation Delays (ns) Output Load Capacitance (pF) 50 75 100 2.5 3.1 3.6 2.6 3.2 3.7 1.7 2.2 2.8 2.0 2.6 3.1
150 4.7 4.8 3.9 4.2
Notes: [7] The array distributed networks consist of 40 half columns and the global distributed networks consist of 44 half columns, each driven by an independent buffer. The number of half columns used does not affect clock buffer delay. The array clock has up to 8 loads per half column. The global clock has up to 11 loads per half column. [8] The following loads are used for tPXZ:
tPHZ 1K 5 pF 1K tPLZ 5 pF
8-29
Military Plastic pASIC 3 Family
QL3025
QL3025
AC CHARACTERISTICS at VCC = 3.3V, TA = 25C (K = 1.00)
(To calculate delays, multiply the appropriate K factor in the "Operating Range" section by the following numbers.)
Logic Cells
Symbol tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW Parameter Combinatorial Delay [6] Setup Time [6] Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width 1 1.4 1.7 0.0 0.7 1.2 1.2 1.0 0.8 1.9 1.8 Propagation Delays (ns) Fanout [5] 2 3 4 1.7 1.9 2.2 1.7 1.7 1.7 0.0 0.0 0.0 1.0 1.2 1.5 1.2 1.2 1.2 1.2 1.2 1.2 1.3 1.5 1.8 1.1 1.3 1.6 1.9 1.9 1.9 1.8 1.8 1.8 8 3.2 1.7 0.0 2.5 1.2 1.2 2.8 2.6 1.9 1.8
Input-Only/Clock Cells
Symbol tIN tINI tISU tIH tlCLK tlRST tlESU tlEH Parameter High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.5 1.6 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 12 1.6 1.8 1.9 2.4 2.9 1.7 1.9 2.0 2.5 3.0 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 0.0 0.8 1.0 1.1 1.6 2.1 0.7 0.9 1.0 1.5 2.0 2.3 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 0.0
24 4.4 4.5 3.1 0.0 3.6 3.5 2.3 0.0
Notes: [5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the Operating Range. [6] These limits are derived from a representative selection of the slowest paths through the pASIC 3 logic cell including typical net delays. Worst case delay values for specific paths should be determined from timing analysis of your particular design.
8-30 30
Preliminary
Military Plastic pASIC 3 Family
QL3025 Clock Cells
Symbol tACK tGCKP tGCKB Parameter Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay 1 1.2 0.7 0.8 Propagation Delays (ns) Loads per Half Column [7] 2 3 4 8 10 1.2 1.3 1.3 1.5 1.6 0.7 0.7 0.7 0.7 0.7 0.8 0.9 0.9 1.1 1.2 12 1.7 0.7 1.3 15 1.8 0.7 1.4
I/O Cells
Symbol tI/O tISU tIH tlOCLK tlORST tlESU tlEH Parameter Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.3 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 1.6 1.8 2.1 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 1.0 1.2 1.5 2.5 0.9 1.1 1.4 2.4 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 10 3.6 3.1 0.0 3.0 2.9 2.3 0.0
Symbol tOUTLH tOUTHL tPZH tPZL tPHZ tPLZ
Parameter Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State [8] Output Delay Low to Tri-State [8] 30 2.1 2.2 1.2 1.6 2.0 1.2
Propagation Delays (ns) Output Load Capacitance (pF) 50 75 100 2.5 3.1 3.6 2.6 3.2 3.7 1.7 2.2 2.8 2.0 2.6 3.1
150 4.7 4.8 3.9 4.2
Notes: [7] The array distributed networks consist of 56 half columns and the global distributed networks consist of 60 half columns, each driven by an independent buffer. The number of half columns used does not affect clock buffer delay. The array clock has up to 12 loads per half column. The global clock has up to 15 loads per half column. [8] The following loads are used for tPXZ:
tPHZ 1K 5 pF 1K tPLZ 5 pF
8-31
Military Plastic pASIC 3 Family
QL3040
QL3040
AC CHARACTERISTICS at VCC = 3.3V, TA = 25C (K = 1.00)
(To calculate delays, multiply the appropriate K factor in the "Operating Range" section by the following numbers.)
Logic Cells
Symbol tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW Parameter Combinatorial Delay [6] Setup Time [6] Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width 1 1.4 1.7 0.0 0.7 1.2 1.2 1.0 0.8 1.9 1.8 Propagation Delays (ns) Fanout [5] 2 3 4 1.7 1.9 2.2 1.7 1.7 1.7 0.0 0.0 0.0 1.0 1.2 1.5 1.2 1.2 1.2 1.2 1.2 1.2 1.3 1.5 1.8 1.1 1.3 1.6 1.9 1.9 1.9 1.8 1.8 1.8 8 3.2 1.7 0.0 2.5 1.2 1.2 2.8 2.6 1.9 1.8
Input-Only/Clock Cells
Symbol tIN tINI tISU tIH tlCLK tlRST tlESU tlEH Parameter High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.5 1.6 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 12 1.6 1.8 1.9 2.4 2.9 1.7 1.9 2.0 2.5 3.0 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 0.0 0.8 1.0 1.1 1.6 2.1 0.7 0.9 1.0 1.5 2.0 2.3 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 0.0 24 4.4 4.5 3.1 0.0 3.6 3.5 2.3 0.0
Notes: [5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the Operating Range. [6] These limits are derived from a representative selection of the slowest paths through the pASIC 3 logic cell including typical net delays. Worst case delay values for specific paths should be determined from timing analysis of your particular design.
8-32 32
Preliminary
Military Plastic pASIC 3 Family
QL3040 Clock Cells
Symbol tACK tGCKP tGCKB Parameter Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay 1 1.2 0.7 0.8 2 1.2 0.7 0.8 Propagation Delays (ns) Loads per Half Column [7] 3 4 8 10 12 1.3 1.3 1.5 1.6 1.7 0.7 0.7 0.7 0.7 0.7 0.9 0.9 1.1 1.2 1.3 14 1.8 0.7 1.4 16 1.9 0.7 1.5
I/O Cells
Symbol tI/O tISU tIH tlOCLK tlORST tlESU tlEH Parameter Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.3 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 1.6 1.8 2.1 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 1.0 1.2 1.5 2.5 0.9 1.1 1.4 2.4 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 10 3.6 3.1 0.0 3.0 2.9 2.3 0.0
Symbol tOUTLH tOUTHL tPZH tPZL tPHZ tPLZ
Parameter Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State [8] Output Delay Low to Tri-State [8] 30 2.1 2.2 1.2 1.6 2.0 1.2
Propagation Delays (ns) Output Load Capacitance (pF) 50 75 100 2.5 3.1 3.6 2.6 3.2 3.7 1.7 2.2 2.8 2.0 2.6 3.1
150 4.7 4.8 3.9 4.2
Notes: [7] The array distributed networks consist of 72 half columns and the global distributed networks consist of 76 half columns, each driven by an independent buffer. The number of half columns used does not affect clock buffer delay. The array clock has up to 14 loads per half column. The global clock has up to 16 loads per half column. [8] The following loads are used for tPXZ:
tPHZ 1K 5 pF 1K tPLZ 5 pF
8-33
Military Plastic pASIC 3 Family
QL3060
QL3060
AC CHARACTERISTICS at VCC = 3.3V, TA = 25C (K = 1.00)
(To calculate delays, multiply the appropriate K factor in the "Operating Range" section by the following numbers.)
Logic Cells
Symbol tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW Parameter Combinatorial Delay [6] Setup Time [6] Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width 1 1.4 1.7 0.0 0.7 1.2 1.2 1.0 0.8 1.9 1.8 Propagation Delays (ns) Fanout [5] 2 3 4 1.7 1.9 2.2 1.7 1.7 1.7 0.0 0.0 0.0 1.0 1.2 1.5 1.2 1.2 1.2 1.2 1.2 1.2 1.3 1.5 1.8 1.1 1.3 1.6 1.9 1.9 1.9 1.8 1.8 1.8 8 3.2 1.7 0.0 2.5 1.2 1.2 2.8 2.6 1.9 1.8
Input-Only/Clock Cells
Symbol tIN tINI tISU tIH tlCLK tlRST tlESU tlEH Parameter High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.5 1.6 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 12 1.6 1.8 1.9 2.4 2.9 1.7 1.9 2.0 2.5 3.0 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 0.0 0.8 1.0 1.1 1.6 2.1 0.7 0.9 1.0 1.5 2.0 2.3 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 0.0
24 4.4 4.5 3.1 0.0 3.6 3.5 2.3 0.0
Notes: [5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as specified in the Operating Range. [6] These limits are derived from a representative selection of the slowest paths through the pASIC 3 logic cell including typical net delays. Worst case delay values for specific paths should be determined from timing analysis of your particular design.
8-34 34
Preliminary
Military Plastic pASIC 3 Family
QL3060 Clock Cells
Symbol tACK tGCKP tGCKB Parameter
1 2 1.2 0.7 0.8 3 1.3 0.7 0.9
Propagation Delays (ns) Loads per Half Column [7]
4 1.3 0.7 0.9 8 1.5 0.7 1.1 10 1.6 0.7 1.2 12 1.7 0.7 1.3 14 1.8 0.7 1.4 16 1.9 0.7 1.5 18 2 0.7 1.6 20 2.1 0.7 1.7 1.2 0.7 0.8
Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay
I/O Cells
Symbol tI/O tISU tIH tlOCLK tlORST tlESU tlEH Parameter Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1 1.3 3.1 0.0 0.7 0.6 2.3 0.0 Propagation Delays (ns) Fanout [5] 2 3 4 8 1.6 1.8 2.1 3.1 3.1 3.1 3.1 3.1 0.0 0.0 0.0 0.0 1.0 1.2 1.5 2.5 0.9 1.1 1.4 2.4 2.3 2.3 2.3 2.3 0.0 0.0 0.0 0.0 10 3.6 3.1 0.0 3.0 2.9 2.3 0.0
Symbol tOUTLH tOUTHL tPZH tPZL tPHZ tPLZ
Parameter Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State [8] Output Delay Low to Tri-State [8] 30 2.1 2.2 1.2 1.6 2.0 1.2
Propagation Delays (ns) Output Load Capacitance (pF) 50 75 100 2.5 3.1 3.6 2.6 3.2 3.7 1.7 2.2 2.8 2.0 2.6 3.1
150 4.7 4.8 3.9 4.2
Notes: [7] The array distributed networks consist of 88 half columns and the global distributed networks consist of 92 half columns, each driven by an independent buffer. The number of half columns used does not affect clock buffer delay. The array clock has up to 18 loads per half column. The global clock has up to 20 loads per half column. [8] The following loads are used for tPXZ:
tPHZ 1K 5 pF 1K tPLZ 5 pF
8-35
Military Plastic pASIC 3 Family
Pin Descriptions
Pin TDI TRSTB TMS TCK TDO STM I/ACLK I/GCLK I I/O VCC VCCIO GND GND/THERM Function Test Data In for JTAG Active low Reset for JTAG Test Mode Select for JTAG Test Clock for JTAG Test data out for JTAG Special Test Mode High-drive input and/or array network driver High-drive input and/or global network driver High-drive input Input/Output pin Power supply pin Input voltage tolerance pin Ground pin Ground/Thermal pin Description Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold LOW during normal operation. Connect to ground if not used for JTAG. Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold HIGH or LOW during normal operation. Connect to VCC or ground if not used for JTAG. Output that must be left unconnected if not used for JTAG. Must be grounded during normal operation. Can be configured as either or both. Can be configured as either or both. Use for input signals with high fanout. Can be configured as an input and/or output. Connect to 3.3V supply. Connect to 5.0 volt supply if 5 volt input tolerance is required, otherwise connect to 3.3V supply. Connect to ground. Available on 456-PBGA only. Connect to ground plane on PCB if heat sinking desired. Otherwise may be left unconnected.
Ordering Information
QL 3060 -1 PQ208 M
QuickLogic pASIC device pASIC 3 device part number 3012 3025 3040 3060 Speed Grade 0 = quick 1 = fast 2 = faster Operating Range M = Military
Package Code PL84 = 84-pin PLCC PQ208 = 208-pin PQFP
8-36 36
Preliminary


▲Up To Search▲   

 
Price & Availability of QL3025-0PQ208M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X